Electronic Components Datasheet Search
  English  ▼

X  

CF-3000-LOC-1 Datasheet (PDF) - PHOENIX CONTACT

Part # CF-3000-LOC-1
Description  Sleeve receiver for 1.0 mm짼 sleeves
File Size   48.83 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CF-3000-LOC-1 Datasheet (PDF) - PHOENIX CONTACT

Click to view in HTML datasheet.


Similar Part No. - CF-3000-LOC-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-3000-LOC-0 PHOENIX-CF-3000-LOC-0 Datasheet
48Kb / 2P
Sleeve receiver for 0.5 mm짼 sleeves
CF-3000-LOC-2 PHOENIX-CF-3000-LOC-2 Datasheet
49Kb / 2P
Sleeve receiver for 2.5 mm짼 sleeves
More results


Similar Description - CF-3000-LOC-1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
logo
Sensortechnics GmbH
AD1100-8TO SENSORTECHNICS-AD1100-8TO Datasheet
461Kb / 2P
APD with 1.0 mm짼 active area
logo
PHOENIX CONTACT
CF-3000-LOC-0 PHOENIX-CF-3000-LOC-0 Datasheet
48Kb / 2P
Sleeve receiver for 0.5 mm짼 sleeves
CF-3000-LOC-2 PHOENIX-CF-3000-LOC-2 Datasheet
49Kb / 2P
Sleeve receiver for 2.5 mm짼 sleeves
CF-3000-CG-1 PHOENIX-CF-3000-CG-1 Datasheet
45Kb / 2P
Replacement cable guide 1.0 mm짼, for sleeve feed CF 3000 HZG 1,0
CF-500LOC-SCF-2 PHOENIX-CF-500LOC-SCF-2 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 2.8...), 0.1 - 1.5 mm짼, width: 2.8 mm,length 5 mm
CF-500LOC-SCF-4 PHOENIX-CF-500LOC-SCF-4 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 4,8...), 0.5 - 2.5 mm짼, width: 4.8 mm
CF-500LOC-SCF-6 PHOENIX-CF-500LOC-SCF-6 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 6,3...), 0.5 - 6 mm짼, width: 6.3 mm
0604707 PHOENIX-0604707 Datasheet
51Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 6.3 slip-on sleeves
1406700 PHOENIX-1406700 Datasheet
49Kb / 2P
Insulating sleeve, as touch protection, slide onto the conductor before for 2.8 slip-on sleeves
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com