Electronic Components Datasheet Search
  English  ▼

X  

FC-335-SY4 Datasheet (PDF) - TE Connectivity Ltd

Part # FC-335-SY4
Description  RELAY NON-LATCHING3PST/NO (DM)35A/28Vdc, 115 Vac ??50/60Hz, 400Hz
File Size   471.37 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-335-SY4 Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - FC-335-SY4

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
FC-30 MULTICOMP-FC-30 Datasheet
192Kb / 1P
Flat Cable Clamps
09/06/22 V1.0
logo
PREMO CORPORATION S.L
FC-3125 PREMO-FC-3125 Datasheet
137Kb / 1P
Screened Room Filters
FC-316 PREMO-FC-316 Datasheet
137Kb / 1P
Screened Room Filters
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
Screened Room Filters
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
Compact, Hermetically Sealed, Non-Latching Relays
More results


Similar Description - FC-335-SY4

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA280 ORIONFANS-OA280 Datasheet
287Kb / 1P
1 min at 1500 VAC, 50/60Hz
logo
Schneider Electric
A9C30811 SCHNEIDER-A9C30811 Datasheet
87Kb / 3P
impulse relay iTL - 1P - 1NO - 16A - coil 110 VDC - 230...240 VAC 50/60Hz
Aug 26, 2020
389FHXXC1-120A SCHNEIDER-389FHXXC1-120A Datasheet
173Kb / 4P
Power relay, SE Relays, SPST-NO-DM, 30A, 120 VAC, side flange cover
Aug 2, 2021
logo
Weidmuller
2663330000 WEIDMULLER-2663330000 Datasheet
139Kb / 4P
A2C 50/70-DM
logo
WAGO Kontakttechnik Gmb...
286-507 WAGO-286-507 Datasheet
318Kb / 6P
Relay module; Nominal input voltage: 115 VAC
logo
Leach International Cor...
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
RELAY – NONLATCH 1 PST-DM, 50 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXDL LEACH-KXDL Datasheet
1Mb / 9P
RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com