Electronic Components Datasheet Search
  English  ▼

X  

SM20 Datasheet (PDF) - Littelfuse

Part # SM20
Description  The Littelfuse 20mm SMD Series is a surface-mount metal oxide varistor device
File Size   720.47 Kbytes
Html View  1   2   3   4 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SM20 Datasheet (PDF) - Littelfuse



Similar Part No. - SM20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
logo
Semtech Corporation
SM20 SEMTECH-SM20 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM20 MIC-SM20 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
logo
Kemet Corporation
SM20 KEMET-SM20 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
More results


Similar Description - SM20

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
metal oxide varistor
logo
RFE international
JVR14U201K87 RFE-JVR14U201K87 Datasheet
395Kb / 1P
METAL OXIDE VARISTOR Ultra High Surge 14mm & 20mm
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
METAL OXIDE VARISTOR 20mm Disc
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
logo
KOA Speer Electronics, ...
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
logo
RFE international
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
METAL OXIDE VARISTOR 20mm Disc
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com