Electronic Components Datasheet Search
  English  ▼

X  

NTE5440 Datasheet (PDF) - NTE Electronics

Part # NTE5440
Description  Silicon Controlled Rectifier (SCR) 800V, 10A, Isolated Tab
File Size   22.42 Kbytes
Html View  1   2   3 
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5440 Datasheet (PDF) - NTE Electronics



Similar Part No. - NTE5440

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5442 NTE-NTE5442 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 8 Amp
NTE5444 NTE-NTE5444 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 8 Amp
NTE5446 NTE-NTE5446 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 8 Amp
NTE5448 NTE-NTE5448 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 8 Amp
More results


Similar Description - NTE5440

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5460 NTE-NTE5460 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 5 Amp
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5517 NTE-NTE5517 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR), 25A
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
Silicon Controlled Rectifier (SCR) 55 Amps
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) 470 Amp
NTE5645 NTE-NTE5645 Datasheet
19Kb / 2P
TRIAC - 10A Isolated Tab
NTE5492 NTE-NTE5492 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com