Electronic Components Datasheet Search
  English  ▼

X  

1404863 Datasheet (PDF) - PHOENIX CONTACT

Part # 1404863
Description  Network cable, Ethernet CAT5 (1 Gbps), 8-position, PVC, black, shielded, cable length: 500 m
File Size   96.15 Kbytes
Html View  1   2   3 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404863 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1404863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404869 PHOENIX-1404869 Datasheet
1Mb / 10P
SAC-2P-M12MSB/ 4,0-915/M12FSB - Bus system cable
More results


Similar Description - 1404863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402958 PHOENIX-1402958 Datasheet
76Kb / 4P
Bus system cable, CANopen짰, DeviceNet?? 5-position, PVC, black, shielded, free cable end, on Socket straight M12, A-coded, cable length: 10 m
1413004 PHOENIX-1413004 Datasheet
114Kb / 4P
Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 35 m
1418004 PHOENIX-1418004 Datasheet
117Kb / 3P
Network cable, contact inserts: x , cable length: 1 m, number of positions: 8, 1 Gbps, CAT5, cable outlet: straight
1425246 PHOENIX-1425246 Datasheet
118Kb / 6P
Network cable, Ethernet CAT5 (100 Mbps), 4-position, PUR, water blue RAL 5021, shielded, Plug straight M12 SPEEDCON / IP67, coding: D, on Plug straight M12 SPEEDCON / IP67, coding: D, cable length: 3 m
1459553 PHOENIX-1459553 Datasheet
54Kb / 2P
Cable ring, black PE-X, 1-pos., cable length: 500 m
logo
Tripp Lite. All Rights ...
N200-035-BK TRIPPLITE-N200-035-BK Datasheet
172Kb / 3P
Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Black, 35 ft.
N262-001-BK TRIPPLITE-N262-001-BK Datasheet
167Kb / 3P
Cat6a 10G-Certified Snagless Shielded STP Network Patch Cable (RJ45 M/M), PoE, Black, 1 ft.
logo
Schneider Electric
TCSECN300R2 SCHNEIDER-TCSECN300R2 Datasheet
124Kb / 1P
ConneXium Ethernet copper cable for Ethernet network - 300 m
Jan 7, 2021
logo
Tripp Lite. All Rights ...
N262-008-BK TRIPPLITE-N262-008-BK Datasheet
184Kb / 3P
Cat6a 10G-Certified Snagless Shielded STP Ethernet Cable (RJ45 M/M), PoE, Black, 8 ft. (2.43 m)
N262-S01-BK TRIPPLITE-N262-S01-BK Datasheet
47Kb / 3P
Cat6a 10G Snagless Shielded Slim STP Ethernet Cable (RJ45 M/M), PoE, Black, 1 ft. (0.3 m)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com