Electronic Components Datasheet Search
  English  ▼

X  

2862181 Datasheet (PDF) - PHOENIX CONTACT

Part # 2862181
Description  Inline Terminal With Four Relay Changeover Contacts
File Size   361.62 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2862181 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2862181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2862136 PHOENIX-2862136 Datasheet
152Kb / 5P
IB IL 24 PWR IN/2-F-PAC
2862149 PHOENIX-2862149 Datasheet
155Kb / 5P
IB IL AI 2-HART-PAC
2862152 PHOENIX-2862152 Datasheet
148Kb / 5P
IB IL 24 PWR IN/2-F-D-PAC
2862165 PHOENIX-2862165 Datasheet
108Kb / 5P
Bus coupler - IBS IL 24 BK-LK/45-PAC
2862178 PHOENIX-2862178 Datasheet
155Kb / 6P
IB IL 24/230 DOR1/W-PC-PAC
More results


Similar Description - 2862181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900936 PHOENIX-2900936 Datasheet
64Kb / 3P
relay base, for octal relay with 3 changeover contacts
2900960 PHOENIX-2900960 Datasheet
63Kb / 3P
relay base, for high-power relay with 2 or 3 changeover contacts or 3 N/O contacts
2861878 PHOENIX-2861878 Datasheet
398Kb / 16P
Inline digital output terminal with four SPDT relay contacts
2861881 PHOENIX-2861881 Datasheet
400Kb / 15P
Inline Terminal With One SPDT Relay Contact
2878447 PHOENIX-2878447 Datasheet
400Kb / 25P
Inline Terminal With Four Differential Analog Input Channels
logo
WAGO Kontakttechnik Gmb...
858-528 WAGO-858-528 Datasheet
335Kb / 8P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts
858-514 WAGO-858-514 Datasheet
363Kb / 8P
Relay module; Nominal input voltage: 24 VAC; 4 changeover contacts;
788-109 WAGO-788-109 Datasheet
199Kb / 6P
Relay socket; 2 changeover contacts; with manual operation;
858-100 WAGO-858-100 Datasheet
279Kb / 9P
Relay socket; 4 changeover contacts
788-172 WAGO-788-172 Datasheet
127Kb / 5P
Basic relay; Nominal input voltage: 24 VAC; 2 changeover contacts
22.11.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com