Electronic Components Datasheet Search
  English  ▼

X  

AS225 Datasheet (PDF) - Skyworks Solutions Inc.

Part # AS225
Description  PHEMT GaAs IC 1 W Low Loss 0.1-6 GHz SPDT Switch
File Size   110.84 Kbytes
Html View  1   2   3 
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS225 Datasheet (PDF) - Skyworks Solutions Inc.



Similar Part No. - AS225

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS225-313LF SKYWORKS-AS225-313LF Datasheet
642Kb / 9P
PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
AS225-313LF SKYWORKS-AS225-313LF_17 Datasheet
642Kb / 9P
PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
More results


Similar Description - AS225

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92 Datasheet
51Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1?? GHz
AS225-313LF SKYWORKS-AS225-313LF_17 Datasheet
642Kb / 9P
PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com