Electronic Components Datasheet Search
  English  ▼

X  

HM119E Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM119E
Description  2.0-7.0V 2.7A/3.7A Single Channel H-Bridge Driver
File Size   497.75 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM119E Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM119E

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HM1193NL PULSE-HM1193NL Datasheet
275Kb / 3P
MDl,SIN,100D,1:1,SM,TU
More results


Similar Description - HM119E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1173B HMSEMI-HM1173B Datasheet
393Kb / 6P
Single channel 2.0-7.0V continuous current 1.2A H-bridge and integrated LDO driver chip
HM117A HMSEMI-HM117A Datasheet
418Kb / 6P
2.0-7.0V 2.0A single channel H-bridge driver
HM117B HMSEMI-HM117B Datasheet
775Kb / 6P
2.0-7.0V 1.2A single channel H-bridge driver
HM117DR HMSEMI-HM117DR Datasheet
643Kb / 5P
2.0-7.0V 2.2A single channel H-bridge driver
HM2502L HMSEMI-HM2502L Datasheet
790Kb / 9P
Single channel 2.0-7.0V 2.5A H-bridge driver chip
HM2520E HMSEMI-HM2520E Datasheet
830Kb / 9P
2.5-10.0V 2.7A single channel H-bridge driver
HM6208L HMSEMI-HM6208L Datasheet
559Kb / 5P
2.0-7.0V 1.0A single channel H-bridge driver
HM6208MR HMSEMI-HM6208MR Datasheet
577Kb / 5P
2.0-7.0V 1.0A single channel H-bridge driver
HM8310 HMSEMI-HM8310 Datasheet
704Kb / 7P
2.0-7.0V 1.0A single channel H-bridge driver chip
HM1173 HMSEMI-HM1173 Datasheet
798Kb / 9P
Integrated 3V-0.3A LDO and single channel 2.0-7.0V 2.5A H-bridge driver chip
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com