| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
56200
|
156Kb / 3P |
residual current protection relay, Vigirex RH10P, 30 mA, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020 |
|
56205
|
130Kb / 3P |
residual current protection relay, Vigirex RH10P, 300 mA, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020 |
|
56230
|
130Kb / 3P |
residual current protection relay, Vigirex RH10P, 30 mA, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020 |
|
56270
|
136Kb / 3P |
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 12/24 VAC 50/60 Hz, 12/48 VDC, front panel mounting
Dec 10, 2020 |
|
56273
|
136Kb / 3P |
residual current protection relay, Vigirex RH99P, 30 mA to 30 A, 220/240 VAC 50/60 Hz, front panel mounting
Dec 10, 2020 |
|
8910DP11V09
|
157Kb / 2P |
Contactor, Definite Purpose, 20A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021 |
|
8910DP31V09
|
138Kb / 2P |
Contactor, Definite Purpose, 30A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
Apr 30, 2021 |
|
8501XO40XTE1V03
|
116Kb / 2P |
NEMA Control Relay, timing relay, 4 NO, one minute on delay, 220/240 VAC 50/60 Hz coil
Aug 31, 2021 |
|
8910DP31V09
|
149Kb / 2P |
Contactor, Definite Purpose, 30A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
May 20, 2022 |
|
8910DP41V09
|
167Kb / 2P |
Contactor, Definite Purpose, 40A, 1 pole, 208/240 VAC 60 Hz 220 VAC 50 Hz coil, open
May 23, 2022 |