Electronic Components Datasheet Search
  English  ▼

X  

SMF45AH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

Part # SMF45AH
Description  200W, 5V - 100V Surface Mount Transient Voltage Suppressor
File Size   468.55 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMF45AH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd



Similar Part No. - SMF45AH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF45A VISHAY-SMF45A Datasheet
92Kb / 6P
Surface Mount ESD Protection Diodes
22-Sep-10
logo
ON Semiconductor
SMF45A ONSEMI-SMF45A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF45A PANJIT-SMF45A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMF45A BILIN-SMF45A Datasheet
119Kb / 3P
SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF45A VISHAY-SMF45A Datasheet
108Kb / 7P
Surface Mount ESD Protection Diodes
27-Oct-08
More results


Similar Description - SMF45AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1KSMB TSC-1KSMB Datasheet
237Kb / 6P
1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PGSMAJ10A TSC-PGSMAJ10A Datasheet
213Kb / 6P
400W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMF5.0A TSC-SMF5.0A Datasheet
239Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Guangdong Juxing Electr...
SMF JUXING-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 200W
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
200W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMDJH TSC-SMDJH Datasheet
457Kb / 6P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ TSC-SMDJ Datasheet
456Kb / 6P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com