Electronic Components Datasheet Search
  English  ▼

X  

MAX9990 Datasheet (PDF) - Maxim Integrated Products

Part # MAX9990
Description  14dBm to 20dBm Adjustable Output Power
File Size   230.5 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9990 Datasheet (PDF) - Maxim Integrated Products



Similar Part No. - MAX9990

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9990 MAXIM-MAX9990 Datasheet
273Kb / 12P
14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
MAX9990ETP MAXIM-MAX9990ETP Datasheet
273Kb / 12P
14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
More results


Similar Description - MAX9990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Sep-1999
logo
Motorola, Inc
MC34710 MOTOROLA-MC34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Maxim Integrated Produc...
MAX9987 MAXIM-MAX9987 Datasheet
287Kb / 12P
14dBm to 20dBm LO Buffers/Splitters with 짹1dB Variation
Rev 0; 4/02
MAX9989 MAXIM-MAX9989 Datasheet
273Kb / 12P
14dBm to 20dBm LO Buffers with 짹1dB Variation
Rev 0; 7/02
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994_02 Datasheet
302Kb / 26P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Apr-2002
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Unisonic Technologies
P2680L-SH2-R UTC-P2680L-SH2-R Datasheet
156Kb / 5P
Output Adjustable
logo
Transcom, Inc.
TA060-180-35-20 TRANSCOM-TA060-180-35-20 Datasheet
77Kb / 2P
6 ~ 18 GHz 20dBm Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com