| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TPS54040
|
2Mb / 47P |
0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
|
 ams AG |
AS1344
|
1Mb / 19P |
42V, DC-DC Boost Converter with adjustable Softstart
|
 Texas Instruments |
TPS54040
|
2Mb / 47P |
0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
|
 Maxim Integrated Produc... |
MAXM15464
|
1Mb / 9P |
One 4.5V to 42V DC, 300mA power supply
Rev 0; 1/19 |
|
MAX15462BEVKIT
|
786Kb / 8P |
42V adjustable, 0.5A DC power supply
Rev 0; 3/15 |
|
MAX15462AEVKIT
|
735Kb / 9P |
42V adjustable, 0.5A DC power supply
Rev 0; 3/15 |
|
MAX15062C12EVKIT
|
1Mb / 8P |
60V adjustable, 0.5A DC power supply
Rev 1; 7/20 |
|
MAX15062AEVKIT
|
863Kb / 8P |
60V adjustable, 0.5A DC power supply
Rev 1; 4/19 |
|
MAX20059EVKIT
|
695Kb / 7P |
Adjustable DC power supply
Rev 0; 10/18 |
|
MAX20058EVKIT
|
744Kb / 7P |
Adjustable DC power supply
Rev 0; 6/18 |