| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX17574EVKITB
|
1Mb / 11P |
Operates from a 6.5V to 60V Input Supply
Rev 0; 12/16 |
|
MAX17557EVKIT
|
970Kb / 10P |
Operates from a 6.5V to 60V Input Supply
Rev 0; 8/17 |
|
MAX17761EVKITA
|
843Kb / 8P |
Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17 |
|
MAX17761EVKITB
|
804Kb / 8P |
Operates from a 6.5V to 76V Input Supply
Rev 0; 8/17 |
|
MAX17502FTEVKIT
|
734Kb / 8P |
Operates from a 7V to 60V Input Supply
Rev 2; 11/17 |
|
MAX17502ETEVKIT
|
562Kb / 8P |
Operates from a 4.5V to 60V Input Supply
Rev 2; 11/17 |
|
MAX17501HTEVKIT
|
1Mb / 9P |
Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12 |
|
MAX17501GTEVKIT
|
1Mb / 8P |
Operates from a 14V to 60V Input Supply
Rev 0; 11/12 |
|
MAX17501BTEVKIT
|
1Mb / 10P |
Operates from a 6V to 60V Input Supply
Rev 1; 10/13 |
|
MAX17501ATEVKIT
|
1Mb / 10P |
Operates from a 4.5V to 60V Input Supply
Rev 1; 10/13 |