| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX17681EVKITD
|
2Mb / 11P |
Evaluates: MAX17681 for Isolated 7V or 5V Output Configuration
Rev 0; 2/16 |
|
MAX17681EVKITF
|
2Mb / 11P |
Evaluates: MAX17681 for Isolated 24V Output Configuration
Rev 0; 3/16 |
|
MAX17681EVKITB
|
3Mb / 11P |
MAX17681 for Isolated -7V or -5V Output Configuration
Rev 1; 5/16 |
|
MAX17681EVKIT
|
770Kb / 8P |
MAX17681 for Isolated -15V or -12V Output Configuration
Rev 2; 2/17 |
|
MAX17681AEVKITE
|
768Kb / 8P |
Isolated -15V and -7.5V Output Configuration
Rev 0; 3/17 |
|
MAX17681AEVKITC
|
702Kb / 7P |
MAX17681A for Isolated 15V or 12V Output Configuration
Rev 1; 6/17 |
|
MAX17681AEVKITA
|
801Kb / 8P |
MAX17681A for Isolated -15V or -12V Output Configuration
Rev 0; 3/17 |
|
MAX17686EVKITA
|
922Kb / 9P |
MAX17686 for Isolated 24V Output Configuration
Rev 0; 1/19 |
|
MAX17682EVKITD
|
1Mb / 10P |
MAX17682 for Isolated -15V Dual-Output Configuration
Rev 0; 4/18 |
|
MAX17682EVKIT
|
611Kb / 9P |
MAX17682 for Isolated 12V Output Configuration
Rev 1; 4/18 |