| Manufacturer | Part # | Datasheet | Description |
 Toshiba Semiconductor |
TD62650F
|
651Kb / 17P |
5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
15-May-1998 |
|
TD62650FG
|
547Kb / 19P |
5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
|
 Maxim Integrated Produc... |
MAX13054AESHLD
|
918Kb / 12P |
5V, 500mA DC power supply
Rev 0; 2/18 |
|
MAX7474EVKIT
|
129Kb / 6P |
Single 5V DC Power-Supply Operation
Rev 0; 2/08 |
|
MAX17525EVKIT
|
2Mb / 12P |
5V DC power supply
Rev 0; 9/16 |
|
MAX33251ESHLD
|
438Kb / 9P |
5V, 500mA DC power supply
Rev 0; 2/19 |
|
MAX33054ESHLD
|
892Kb / 9P |
3.3V, 500mA DC power supply
Rev 0; 7/18 |
|
MAX33053ESHLD
|
978Kb / 9P |
3.3V, 500mA DC power supply
Rev 0; 7/18 |
|
MAX33040ESHLD
|
862Kb / 8P |
3.3V, 500mA DC power supply
Rev 0; 11/20 |
|
MAX33012ESHLD
|
2Mb / 9P |
5V, 500mA DC power supply
Rev 1; 4/21 |