| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1927
|
303Kb / 12P |
Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Rev 0; 7/02 |
|
MAX16922
|
1Mb / 16P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09 |
|
MAX16922
|
994Kb / 17P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10 |
|
MAX16922
|
1Mb / 17P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 4; 4/11 |
|
MAX16922
|
1Mb / 17P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 5; 1/12 |
 ETA SOLUTIONS CO. LIMIT... |
ETA3555
|
169Kb / 1P |
5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
|
 Maxim Integrated Produc... |
MAX20073
|
595Kb / 12P |
Single 2A/3A 2.2MHz Low-Voltage Step-Down DC-DC Converters
Rev 1; 7/18 |
|
MAX20014
|
608Kb / 14P |
2.2MHz Sync Boost and Dual Step-Down Converters
Rev 3; 3/19 |
|
MAX16963
|
540Kb / 13P |
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015 |
|
MAX16922
|
986Kb / 18P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016 |