| Manufacturer | Part # | Datasheet | Description |
 Omron Electronics LLC |
XG2Z
|
380Kb / 13P |
Screw Terminal Block Cables
|
|
C200HOD219
|
476Kb / 13P |
Screw Terminal Block Cables
|
 PHOENIX CONTACT |
2296870
|
76Kb / 4P |
Feed-through terminal block - PLC-VT
|
 Schneider Electric |
XBTZ9980
|
81Kb / 2P |
Modbus serial link for XBT terminal - L = 2.5 m - 2 males RJ45
Aug 10, 2019 |
|
LU9GC3
|
95Kb / 2P |
Modbus splitter block - 10 RJ45 and 1 screw terminal block
Apr 20, 2022 |
|
VW3A8306R03
|
87Kb / 2P |
cable for Modbus serial link - 2 x RJ45 - cable 0.3 m
Apr 20, 2022 |
|
VW3A8306R10
|
87Kb / 2P |
cable for Modbus serial link - 2 x RJ45 - cable 1 m
Apr 19, 2022 |
|
VW3A8306R30
|
87Kb / 2P |
cable for Modbus serial link - 2 x RJ45 - cable 3 m
Apr 20, 2022 |
|
TSXCANTDM4
|
159Kb / 2P |
IP20 CANopen tap junction box - 1 screw terminal block and 4 SUB-D9
May 2, 2022 |
|
XBTZ9982
|
93Kb / 2P |
Modbus serial link for XBT terminal - L = 10 m - 2 males RJ45
May 2, 2022 |