Electronic Components Datasheet Search
  English  ▼

X  

SB15150L Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

Part # SB15150L
Description  15.0 A SUPER BARRIER RECTIFIER
File Size   189.09 Kbytes
Html View  1   2 
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB15150L Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd



Similar Part No. - SB15150L

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SB15150L CHENDA-SB15150L Datasheet
753Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev:2019A0
More results


Similar Description - SB15150L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB1505W ETC2-TB1505W Datasheet
243Kb / 5P
15.0 A SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
15SQ030 NAINA-15SQ030 Datasheet
131Kb / 2P
Schottky Barrier Rectifier, 15.0 A
logo
Zibo Seno Electronic En...
SL10T80L ZSELEC-SL10T80L Datasheet
190Kb / 2P
10.0 A SUPER BARRIER RECTIFIER
SL15T80L ZSELEC-SL15T80L Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL20T80L ZSELEC-SL20T80L Datasheet
192Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SL10T80 ZSELEC-SL10T80_V01 Datasheet
190Kb / 2P
10.0 A SUPER BARRIER RECTIFIER
SL15T80 ZSELEC-SL15T80_V01 Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL20T80 ZSELEC-SL20T80_V01 Datasheet
191Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SB20T80L ZSELEC-SB20T80L_V01 Datasheet
189Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SP1545L ZSELEC-SP1545L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com