Electronic Components Datasheet Search
  English  ▼

X  

2382278 Datasheet (PDF) - TE Connectivity Ltd

Part # 2382278
Description  2POS,AMP MCP 1.5K,REC HSG ASSY,SLD 2pos. AMP MCP 1.5k Buchsengeh. Assy,ged. HDSCS
File Size   446.19 Kbytes
Html View    Update soon   
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2382278 Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - 2382278

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2382274 TEC-2382274 Datasheet
667Kb / 1P
2POS. TAB 1.6x0.6 TAB HSG, ASSY 2pol, Tab 1.6x0.6, Flachsteckergehaeuse HDSCS
Rev. A1
More results


Similar Description - 2382278

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1355200-1 MACOM-2-1355200-1 Datasheet
204Kb / 1P
CONNECTOR, 2POS, AMP MCP2, 8 Gehaeuse, 2pol., AMP MCP2.8
2-1418883-1 MACOM-2-1418883-1 Datasheet
1,011Kb / 1P
AMP MCP 1.5K / AMP MCP 2.8 REC. HOUSING, 62POS., SEALED
logo
Molex Electronics Ltd.
52484-0810 MOLEX8-52484-0810 Datasheet
52Kb / 2P
2.0 W/B CONN. IDT REC. HSG ASSY
logo
Tyco Electronics
3-1418883-1 MACOM-3-1418883-1 Datasheet
1Mb / 1P
AMP MCP 1.5K
logo
TE Connectivity Ltd
114-18388 TEC-114-18388 Datasheet
748Kb / 11P
AMP MCP 6.3/4.8K CONTACT SYSTEM AMP MCP 6.3/4.8K Kontaktsystem
C-1703498 TEC-C-1703498 Datasheet
687Kb / 1P
MALE HOUSING. 2POS., MCON 1.2mm LL SEALED ASSY
2382274 TEC-2382274 Datasheet
667Kb / 1P
2POS. TAB 1.6x0.6 TAB HSG, ASSY 2pol, Tab 1.6x0.6, Flachsteckergehaeuse HDSCS
Rev. A1
2325106 TEC-2325106 Datasheet
1Mb / 5P
ADAPTER,2POS,1.2X0.6,PIN HSG ASSY enetSEAL
Rev. A
2339032 TEC-2339032 Datasheet
550Kb / 4P
enetSEAL 2POS,TAB1.2X0.6,HDR ASSY,90DEG,SLDR
Rev. A
2345284 TEC-2345284 Datasheet
851Kb / 1P
2 POS,MCON 1.2 REC HSG ASSY, SLD
Rev. A2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com