Electronic Components Datasheet Search
  English  ▼

X  

650201380G Datasheet (PDF) - AUREL S.p.A.

Part # 650201380G
Description  RFTide Transceiver FOR WIRELESS NETWORK 868 MHz
File Size   570.96 Kbytes
Html View    Update soon   
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.

650201380G Datasheet (PDF) - AUREL S.p.A.



Similar Part No. - 650201380G

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650201343G AUREL-650201343G Datasheet
75Kb / 1P
High Sensitivity & Power Down Functionality 868 MHz FSK Transceiver
15.10.2016 - Rev A
650201347G AUREL-650201347G Datasheet
107Kb / 1P
Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
650201364G AUREL-650201364G Datasheet
86Kb / 1P
HIGH POWER TM LoRa transceiver
15.10.2016 - Rev A
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
More results


Similar Description - 650201380G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF610 MICREL-MICRF610 Datasheet
291Kb / 19P
868-870 MHz ISM Band Transceiver Module
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
logo
Silicon Laboratories
SLWSTK6061A SILABS-SLWSTK6061A Datasheet
1Mb / 32P
UG182: EFR32 Flex Gecko 2400/868 MHz Wireless Starter Kit
SLWRB4167A SILABS-SLWRB4167A Datasheet
1Mb / 34P
UG283: EFR32MG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4256A SILABS-SLWRB4256A Datasheet
1Mb / 34P
UG285: EFR32FG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
logo
STMicroelectronics
STEVAL-IDI004V2 STMICROELECTRONICS-STEVAL-IDI004V2 Datasheet
376Kb / 7P
Wireless bridge 868 MHz
17-Dec-2015
logo
AUREL S.p.A.
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
650201378G AUREL-650201378G Datasheet
2Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com