Electronic Components Datasheet Search
  English  ▼

X  

MAAPGM0041 Datasheet (PDF) - Tyco Electronics

Part # MAAPGM0041
Description  Amplifier, Power, 1.3W 11.5 - 15.0 GHz
File Size   216.22 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0041 Datasheet (PDF) - Tyco Electronics



Similar Part No. - MAAPGM0041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
More results


Similar Description - MAAPGM0041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 1.3W 17.7-19.7 GHz
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
11.0-15.0 GHz 0.5 W Power Amplifier
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
Amplifier, Power, 0.5W 11.5-16.5 GHz
logo
Hittite Microwave Corpo...
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
logo
National Semiconductor ...
LM4995 NSC-LM4995_07 Datasheet
365Kb / 18P
1.3W Audio Power Amplifier
logo
Excelics Semiconductor,...
RFMA1315-1W EXCELICS-RFMA1315-1W Datasheet
89Kb / 2P
13.0 - 15.0 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC608 HITTITE-HMC608_07 Datasheet
295Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_10 Datasheet
298Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com