Electronic Components Datasheet Search
  English  ▼

X  

48393 Datasheet (PDF) - Molex Electronics Ltd.

Part # 48393
Description  USB 3.0 Connectors and Cable Assemblies
File Size   2360.52 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48393 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 48393

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4839 KEYSTONE-4839 Datasheet
230Kb / 1P
NYLON M/F HEX STANDOFF
4.10.96
4839 KEYSTONE-4839 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Adafruit Industries
4839 ADAFRUIT-4839 Datasheet
149Kb / 2P
Ultra-Flexible White LED Strip - 480 LEDs per meter - 5m long - Cool White ~6500K
12-12-22
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results


Similar Description - 48393

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79516-1021 MOLEX-79516-1021 Datasheet
326Kb / 2P
Micro-Fit 3.0??Overmolded Cable Assemblies
logo
Dubilier
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M Datasheet
81Kb / 1P
cable assemblies USB 2.0 Moulded Leads
logo
Tyco Electronics
1932258-1 MACOM-1932258-1 Datasheet
1Mb / 4P
USB 3.0 Connectors
logo
Dubilier
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M_11 Datasheet
144Kb / 1P
CABLE ASSEMBLIES USB 2.0 MOULDED LEADS
logo
Assmann Electronics Inc...
AK-300116-010-S ASSMANN-AK-300116-010-S Datasheet
117Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-018-S ASSMANN-AK-300116-018-S Datasheet
116Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
logo
Bel Fuse Inc.
67U2AC-003-K BEL-67U2AC-003-K Datasheet
561Kb / 2P
IP67 USB Type-A Cable Assemblies
logo
Coolgear Inc.
51220173 COOLGEAR-51220173 Datasheet
651Kb / 1P
USB 3.0 CABLE
Rev A
51220179 COOLGEAR-51220179 Datasheet
672Kb / 1P
MICRO USB 3.0 CABLE
Rev B
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001_V01 Datasheet
524Kb / 1P
USB 2.0 and 3.0 Connectors
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com