Electronic Components Datasheet Search
  English  ▼

X  

MJKEK Datasheet (PDF) - Vishay Siliconix

Part # MJKEK
Description  Standard Thick Film Chip Resistors
File Size   138.42 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MJKEK Datasheet (PDF) - Vishay Siliconix



Similar Part No. - MJKEK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJK31C ONSEMI-MJK31C Datasheet
1Mb / 6P
Power Transistor, NPN, Dual General Purpose 100 V, 3 A
April, 2022 - Rev. 0
MJK31CTWG ONSEMI-MJK31CTWG Datasheet
1Mb / 6P
Power Transistor, NPN, Dual General Purpose 100 V, 3 A
April, 2022 - Rev. 0
MJK44H11 ONSEMI-MJK44H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
MJK44H11TWG ONSEMI-MJK44H11TWG Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
MJK45H11 ONSEMI-MJK45H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
More results


Similar Description - MJKEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06036K65FKEA VISHAY-CRCW06036K65FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW251247R0JNEG VISHAY-CRCW251247R0JNEG Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com