Electronic Components Datasheet Search
  English  ▼

X  

123106A Datasheet (PDF) - Belden Inc.

Part # 123106A
Description  RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, PVC Jkt, CM, PLTC, Sun Res
File Size   155.18 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

123106A Datasheet (PDF) - Belden Inc.



Similar Part No. - 123106A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12310 ETC2-12310 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Heyco.
12310 HEYCO-12310 Datasheet
99Kb / 1P
Stainless Steel Cable Clamps
12310 HEYCO-12310 Datasheet
113Kb / 1P
SunClamp® Stainless Steel Cable Clamps
logo
Legrand North America, ...
12310 LEGRAND-12310 Datasheet
172Kb / 1P
cylindrical cartridge fuses
logo
PHOENIX CONTACT
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
More results


Similar Description - 123106A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123107A BELDEN-123107A Datasheet
252Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
123079E BELDEN-123079E Datasheet
139Kb / 2P
Profibus, 1 Pr #22 Str BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
05-05-2023
129841 BELDEN-129841 Datasheet
179Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
129842 BELDEN-129842 Datasheet
190Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
189841 BELDEN-189841 Datasheet
173Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,CM
05-05-2023
323106A BELDEN-323106A Datasheet
213Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, CPE Jkt, CM, PLTC, Sun Res
05-05-2023
533105A BELDEN-533105A Datasheet
140Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA, HDPE Jkt
05-05-2023
533106A BELDEN-533106A Datasheet
138Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, SIA, HDPE Jkt
05-05-2023
973105Z BELDEN-973105Z Datasheet
161Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, BBA,LSZH-TS Jkt, CMG, PLTC, Sun Res
05-05-2023
153105A BELDEN-153105A Datasheet
141Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, CST, PVC Jkt,CMG, PLTC, Sun Res
05-05-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com