Electronic Components Datasheet Search
  English  ▼

X  

3550794 Datasheet (PDF) - FIBOX Enclosing innovations

Part # 3550794
Description  Size 1, Lead-through 8 (Ø2.5-25mm)
File Size   57.92 Kbytes
Html View  1   2 
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

3550794 Datasheet (PDF) - FIBOX Enclosing innovations



Similar Part No. - 3550794

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
3550795 FIBOX-3550795 Datasheet
68Kb / 2P
Size 2, Lead-through 7 (Ø3-55mm)
14.08.2023
3550796 FIBOX-3550796 Datasheet
73Kb / 2P
Size 2, Lead-through 29 (Ø3-26mm)
31.07.2023
3550797 FIBOX-3550797 Datasheet
80Kb / 2P
Size 2, Lead-through 43 (Ø3-30mm)
14.08.2023
More results


Similar Description - 3550794

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-25N180LPU5L RFE-JVR-25N180LPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
logo
Kemet Corporation
C4BSNBX4100ZAFJ KEMET-C4BSNBX4100ZAFJ Datasheet
111Kb / 1P
Film, Metallized Polypropylene, Power, C4BS, 1 uF, 5%, 1,000 V, 70C, Lead Spacing = 25mm
C4BSPBX4100ZAJJ KEMET-C4BSPBX4100ZAJJ Datasheet
111Kb / 1P
Film, Metallized Polypropylene, Power, C4BS, 1 uF, 5%, 1,200 V, 70C, Lead Spacing = 25mm
logo
FIBOX Enclosing innovat...
3550796 FIBOX-3550796 Datasheet
73Kb / 2P
Size 2, Lead-through 29 (Ø3-26mm)
31.07.2023
3550795 FIBOX-3550795 Datasheet
68Kb / 2P
Size 2, Lead-through 7 (Ø3-55mm)
14.08.2023
3550797 FIBOX-3550797 Datasheet
80Kb / 2P
Size 2, Lead-through 43 (Ø3-30mm)
14.08.2023
logo
Molex Electronics Ltd.
2152703603 MOLEX-2152703603 Datasheet
320Kb / 1P
NTC EPOXY - 3600 25MM 10K 1%
2021/03/05
2152743603 MOLEX-2152743603 Datasheet
326Kb / 1P
NTC EPOXY - 3964 25MM 10K 1%
2021/03/05
2152793603 MOLEX-2152793603 Datasheet
322Kb / 1P
NTC EPOXY - 4035, 25MM, 10K,1%
2021/03/05
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
DIP(25mm*25mm)
Mar.27, 2016
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com