Electronic Components Datasheet Search
  English  ▼

X  

7028088 Datasheet (PDF) - FIBOX Enclosing innovations

Part # 7028088
Description  Sealing bush
File Size   43.84 Kbytes
Html View  1 
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

7028088 Datasheet (PDF) - FIBOX Enclosing innovations



Similar Part No. - 7028088

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70280 MOLEX-70280 Datasheet
27Kb / 2P
C-Grid® Products
11/15/2016
70280 MOLEX-70280 Datasheet
27Kb / 2P
C-Grid Connector Products
10/09/2018
70280-0002 MOLEX1-70280-0002 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
70280-0002 MOLEX11-70280-0002 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4
70280-0003 MOLEX1-70280-0003 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
More results


Similar Description - 7028088

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31-35-25GFN ETC2-31-35-25GFN Datasheet
92Kb / 1P
Bush
SF67YY ETC2-SF67YY Datasheet
98Kb / 1P
SEALING FLANGE
logo
HARTING Technology Grou...
09-14-000-9909 HARTING-09-14-000-9909 Datasheet
461Kb / 2P
Han-Modular Guiding Bush
2021-10-01
09-14-000-9919 HARTING-09-14-000-9919 Datasheet
465Kb / 2P
Guide bush for D-Sub module
2021-10-01
09-14-000-9982 HARTING-09-14-000-9982 Datasheet
471Kb / 2P
Han Modular guide bush
2021-10-01
09-40-000-9907 HARTING-09-40-000-9907 Datasheet
461Kb / 1P
M6x30 guiding bush HPR Enlarged PE frame
2021-10-01
logo
Wurth Elektronik GmbH &...
7466003 WURTH-7466003 Datasheet
427Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466004 WURTH-7466004 Datasheet
426Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466203 WURTH-7466203 Datasheet
423Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
7466204 WURTH-7466204 Datasheet
429Kb / 4P
WP-SMBU SMT Bush
1.0 2013-12-13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com