Electronic Components Datasheet Search
  English  ▼

X  

TSMV Datasheet (PDF) - Transko Electronics, Inc.

Part # TSMV
Description  VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
File Size   289.67 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSMV Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TSMV

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TSMV5 TRANSKO-TSMV5 Datasheet
390Kb / 1P
ULTRA MINIATURE CERAMIC SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: May 2015
More results


Similar Description - TSMV

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
TFC TRANSKO-TFC Datasheet
328Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
TVP TRANSKO-TVP Datasheet
481Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
TX-S TRANSKO-TX-S Datasheet
326Kb / 2P
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023
TXCS TRANSKO-TXCS Datasheet
520Kb / 1P
COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
Rev. 2: Jan. 2015
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com