| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9117
|
336Kb / 13P |
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02 |
|
MAX917
|
150Kb / 12P |
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99 |
|
MAX9015
|
446Kb / 16P |
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03 |
|
MAX9015
|
430Kb / 17P |
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09 |
|
MAX9117
|
342Kb / 14P |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07 |
|
MAX9025
|
1Mb / 14P |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11 |
|
MAX917
|
597Kb / 15P |
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07 |
|
MAX9117EXK-T
|
342Kb / 14P |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07 |
|
MAX9015AEKAT
|
430Kb / 17P |
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13 |
|
MAX14661
|
1Mb / 27P |
Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15 |