Electronic Components Datasheet Search
  English  ▼

X  

AOB66518L Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOB66518L
Description  150V N-Channel MOSFET
File Size   658.48 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB66518L Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOB66518L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB66613L AOSMD-AOB66613L Datasheet
400Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.1: May 2024
AOB66613L AOSMD-AOB66613L Datasheet
400Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.1: May 2024
AOB66914L AOSMD-AOB66914L Datasheet
668Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: July 2020
AOB66918L AOSMD-AOB66918L Datasheet
382Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: March 2021
logo
Inchange Semiconductor ...
AOB66918L ISC-AOB66918L Datasheet
389Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB66518L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
150V N-Channel MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com