Electronic Components Datasheet Search
  English  ▼

X  

2SB1713 Datasheet (PDF) - Rohm

Part # 2SB1713
Description  -3A / -12V Bipolar transistor
File Size   100.63 Kbytes
Html View  1   2   3 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1713 Datasheet (PDF) - Rohm



Similar Part No. - 2SB1713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB171 ETC2-2SB171 Datasheet
74Kb / 2P
Ge PNP Alloy Junction
logo
Rohm
2SB1710 ROHM-2SB1710 Datasheet
77Kb / 3P
General purpose amplification (-30V, -1A)
2SB1710 ROHM-2SB1710 Datasheet
112Kb / 3P
General purpose amplification (−30V, −1A)
logo
Littelfuse
2SB1710TL LITTELFUSE-2SB1710TL Datasheet
74Kb / 3P
General purpose amplification (??0V, ??A)
logo
Rohm
2SB1710 ROHM-2SB1710_1 Datasheet
112Kb / 3P
General purpose amplification (−30V, −1A)
More results


Similar Description - 2SB1713

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2678 ROHM-2SD2678 Datasheet
100Kb / 3P
3A / 12V Bipolar transistor
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
Rohm
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
General purpose amplification (-12V, -3A)
logo
ON Semiconductor
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
logo
Nexperia B.V. All right...
PHPT61003PY NEXPERIA-PHPT61003PY Datasheet
720Kb / 15P
100 V, 3A PNP high power bipolar transistor
logo
Weidmuller
2660200278 WEIDMULLER-2660200278 Datasheet
149Kb / 3P
PRO PM 35W 12V 3A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com