Electronic Components Datasheet Search
  English  ▼

X  

1415380 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 1415380
Description  Cable Assembly, USB 3.0, Type A/M - Type A/M, Black
File Size   179.94 Kbytes
Html View  1 
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1415380 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 1415380

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415300 PHOENIX-1415300 Datasheet
470Kb / 12P
SACC-E-M12MSM-5PE-M16XL/0,2 - Device connector front mounting
1415301 PHOENIX-1415301 Datasheet
348Kb / 9P
SACC-E-M12FSM-5PE-M16XL/0,2 - Device connector front mounting
1415302 PHOENIX-1415302 Datasheet
389Kb / 10P
SACC-DSI-M12MSM-5PE-M16XL/0,2 - Device connector, rear mounting
1415303 PHOENIX-1415303 Datasheet
423Kb / 11P
SACC-DSI-M12FSM-5PE-M16XL/0,2 - Device connector, rear mounting
logo
C&D Technologies
1415312 CANDD-1415312 Datasheet
91Kb / 2P
Bobbin Type Inductors
More results


Similar Description - 1415380

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
logo
Assmann Electronics Inc...
A-USBPA-3-R ASSMANN-A-USBPA-3-R Datasheet
77Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
AK-300116-010-S ASSMANN-AK-300116-010-S Datasheet
117Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-018-S ASSMANN-AK-300116-018-S Datasheet
116Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-030-S ASSMANN-AK-300116-030-S Datasheet
116Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
A-USBPA-3 ASSMANN-A-USBPA-3 Datasheet
171Kb / 1P
USB Assembly Type 3.0, 9 Pin A/M
logo
Tripp Lite. All Rights ...
U320-003-BK TRIPPLITE-U320-003-BK Datasheet
166Kb / 3P
USB 3.0 SuperSpeed A/A Cable (M/M), Black, 3 ft.
U320-006-BK TRIPPLITE-U320-006-BK Datasheet
166Kb / 3P
USB 3.0 SuperSpeed A/A Cable (M/M), Black, 6 ft.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com