Electronic Components Datasheet Search
  English  ▼

X  

TEA1713 Datasheet (PDF) - NXP Semiconductors

Part # TEA1713
Description  Higher integration for higher effi ciency in power supplies
File Size   333.76 Kbytes
Html View  1   2 
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1713 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - TEA1713

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
Resonant power supply control IC with PFC
Rev. 01-22 December 2009
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results


Similar Description - TEA1713

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PEZ140 VISHAY-PEZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
FPZ140 VISHAY-FPZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
AVAGO TECHNOLOGIES LIMI...
ALM-42316 AVAGO-ALM-42316 Datasheet
907Kb / 13P
Useable at 5V supplies for higher output power
logo
Vishay Siliconix
VS-HFA06PB120PBF VISHAY-VS-HFA06PB120PBF Datasheet
175Kb / 7P
Higher frequency operation
10-Jul-15
FPE200 VISHAY-FPE200 Datasheet
86Kb / 3P
RF Power Plate Capacitors for Higher Voltages
11-Sep-15
logo
Infineon Technologies A...
IRL100HS121 INFINEON-IRL100HS121 Datasheet
1Mb / 16P
Higher power density designs
V1.3 2017-10-06
IRL80HS120 INFINEON-IRL80HS120 Datasheet
1Mb / 16P
Higher power density designs
V1.3 2017-06-20
logo
ams AG
GWCSSRM1.BM AMSCO-GWCSSRM1.BM Datasheet
1Mb / 24P
Higher performance.
Version 1.6 2020-03-25
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com