| Manufacturer | Part # | Datasheet | Description |
 GHz Technology |
2001
|
208Kb / 4P |
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
|
 Schurter Inc. |
2001
|
383Kb / 2P |
US Power Supply Cord with IEC Connector C13, V-Lock, straight
|
 TEKTRONIX, INC. |
2001
|
402Kb / 6P |
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
|
 Adafruit Industries |
2001
|
122Kb / 1P |
Silicone Cover Stranded-Core Wire - 2m 30AWG Red
|
 Dwyer Instruments, |
2001
|
1Mb / 4P |
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
|