Electronic Components Datasheet Search
  English  ▼

X  

7916AP Datasheet (PDF) - Belden Inc.

Part # 7916AP
Description  Broadband Coax, Series 6, 18 AWG Solid BC, Quad Shield, Flamarrest® Jkt,CMP
File Size   142.4 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7916AP Datasheet (PDF) - Belden Inc.



Similar Part No. - 7916AP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7916A BELDEN-7916A Datasheet
153Kb / 3P
DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-0091000 BELDEN-7916A-0091000 Datasheet
153Kb / 3P
DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-009500 BELDEN-7916A-009500 Datasheet
153Kb / 3P
DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-009U1000 BELDEN-7916A-009U1000 Datasheet
153Kb / 3P
DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-009U500 BELDEN-7916A-009U500 Datasheet
153Kb / 3P
DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
More results


Similar Description - 7916AP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
DEIP182F BELDEN-DEIP182F Datasheet
137Kb / 2P
Digital Electricity™, 2 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP184F BELDEN-DEIP184F Datasheet
140Kb / 2P
Digital Electricity™, 4 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP188F BELDEN-DEIP188F Datasheet
141Kb / 2P
Digital Electricity™, 8 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
6500FH BELDEN-6500FH Datasheet
150Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
6500UH BELDEN-6500UH Datasheet
151Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com