Electronic Components Datasheet Search
  English  ▼

X  

MKP10 Datasheet (PDF) - WIMA GmbH & Co. KG, Mannheim.

Part # MKP10
Description  Pulse duty construction
File Size   822.94 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

MKP10 Datasheet (PDF) - WIMA GmbH & Co. KG, Mannheim.



Similar Part No. - MKP10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MKP10 IRF-MKP10 Datasheet
355Kb / 16P
High Power Factor/Low THD
MKP10-.1/400/10 IRF-MKP10-.1/400/10 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
MKP101nF/630V IRF-MKP101nF/630V Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
logo
RFE international
MKP104K310VAC150B200S-U RFE-MKP104K310VAC150B200S-U Datasheet
2Mb / 3P
AC “Across-the-Line” Film Capacitors MKP-U: Rugged Environment, X2 Class High Humidity, (310VAC/630VDC)
12-JUN-2023
MKP104K310VAC150B200S-UB RFE-MKP104K310VAC150B200S-UB Datasheet
3Mb / 3P
AC “Across-the-Line” FILM CAPACITORS MKP-UB: X2 Class, Rugged Environment High Humidity, High Voltage, 310VAC/750VDC
12-JUN-2023
More results


Similar Description - MKP10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2731-5M MACOM-PH2731-5M Datasheet
154Kb / 2P
Radar Pulsed Power Transistor, 5W, IOOps Pulse, 10% Duty
PH3134-75S MACOM-PH3134-75S Datasheet
142Kb / 2P
Radar Pulsed Power Transistor,75W 1ms Pulse,10% Duty 3.1-3.4GHz
PH3135-25S MACOM-PH3135-25S Datasheet
160Kb / 2P
Radar Pulsed Power Transistor,25W,2ms Pulse,10% Duty 3.1-3.5GHz
PH3135-90S MACOM-PH3135-90S Datasheet
155Kb / 2P
Radar Pulsed Power Transistor, 90W,2ms Pulse,10%Duty 3.1-3.5GHz
logo
List of Unclassifed Man...
PH1214-6M ETC1-PH1214-6M Datasheet
89Kb / 1P
RADAR PULSED POWER TRANSISTOR, 6W, 100us PULSE, 10% DUTY
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
Rugged Construction
logo
IXYS Corporation
CPC7556 IXYS-CPC7556 Datasheet
162Kb / 6P
Monolithic Construction
logo
Advanced Semiconductor
HVV1011-035 ASI-HVV1011-035 Datasheet
177Kb / 2P
35 Watts, 50V, 1030-1090MHz 50us Pulse, 5% Duty
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
Shielded construction
logo
Laird Tech Smart Techno...
PLC LSTD-PLC Datasheet
428Kb / 1P
Heavy-duty construction
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com