| Manufacturer | Part # | Datasheet | Description |
 Integrated Circuit Syst... |
SF0070BA03042S
|
284Kb / 2P |
70 MHz Filter 35 MHz Bandwidth
Rev X6 |
|
SF0070BA03054S
|
261Kb / 2P |
70 MHz Filter 4.5 MHz Bandwidth
Rev X1 |
|
SF0070BA03055S
|
225Kb / 2P |
70 MHz Filter 5 MHz Bandwidth
Rev X3 |
|
SF0070BA03065S
|
247Kb / 2P |
70 MHz Filter 26 MHz Bandwidth
Rev X4 |
|
SF0070CF51546T
|
178Kb / 2P |
70 MHz Filter 2.0 MHz Bandwidth
Rev 1.0 |
|
SF0070CF51550T
|
196Kb / 2P |
70 MHz Filter 4.0 MHz Bandwidth
Rev 1.0 |
|
SF0070CF51557T
|
200Kb / 2P |
70 MHz Filter 8 MHz Bandwidth
Rev 1.2 |
|
SF0070CF51856T
|
210Kb / 2P |
70 MHz Filter 36 MHz Bandwidth
Rev 1.0 |
|
SF0078BA03002S
|
205Kb / 2P |
77.8 MHz Filter 3.84 MHz Bandwidth
Rev X9 |
 API Technologies Corp |
SF0044CD02283T
|
148Kb / 3P |
44.004 MHz SAW Filter 1.3 MHz Bandwidth
|