Electronic Components Datasheet Search
  English  ▼

X  

ZXU200A/2500V Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

Part # ZXU200A/2500V
Description  200A Stud Type Silicon Rotating Rectifier Diode for Exciter
File Size   677.1 Kbytes
Html View  1   2   3   4 
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ZXU200A/2500V Datasheet (PDF) - Thinki Semiconductor Co., Ltd.



Similar Part No. - ZXU200A/2500V

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ZXU300A-16 THINKISEMI-ZXU300A-16 Datasheet
604Kb / 4P
300A Stud Type Silicon Rotating Rectifier Diode for Exciter
Rev.14T
ZXU300A-1600V THINKISEMI-ZXU300A-1600V Datasheet
600Kb / 4P
300A Stud Type Silicon Standard Rectifier Diode for Exciter
Rev.14T
ZXU300A/1600V THINKISEMI-ZXU300A/1600V Datasheet
600Kb / 4P
300A Stud Type Silicon Standard Rectifier Diode for Exciter
Rev.14T
More results


Similar Description - ZXU200A/2500V

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TRIO DIOTEC-TRIO Datasheet
155Kb / 2P
Triple Exciter Diode for Automotive Alternators etc
logo
Naina Semiconductor ltd...
MBR20020CT NAINA-MBR20020CT Datasheet
135Kb / 2P
Silicon Schottky Diode, 200A
MBR20045CT NAINA-MBR20045CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 200A
200-NSR NAINA-200-NSR Datasheet
136Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type), 200A
200NS NAINA-200NS_17 Datasheet
650Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type), 200A
logo
Soberton Inc.
E-3304 SOBERTON-E-3304 Datasheet
349Kb / 1P
Exciter
logo
MacMic
MMD200S MACMIC-MMD200S Datasheet
196Kb / 3P
200A Rectifier Diode Module
MMD200S160U MACMIC-MMD200S160U Datasheet
279Kb / 3P
200A Rectifier Diode Module
MMD200S180B MACMIC-MMD200S180B Datasheet
1Mb / 3P
200A Rectifier Diode Module
logo
Thinki Semiconductor Co...
307U160 THINKISEMI-307U160 Datasheet
1Mb / 7P
ThinkiSemi 330A,1600V Rotating Rectifier Stud Type Standard Recovery Diode
Rev.12T
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com