Electronic Components Datasheet Search
  English  ▼

X  

KA1238 Datasheet (PDF) - SEPA EUROPE GmbH

Part # KA1238
Description  HIGH PERFORMANCE AC-FAN
File Size   625.36 Kbytes
Html View  1 
Manufacturer  SEPA [SEPA EUROPE GmbH]
Direct Link  https://www.sepa-europe.com/en/
Logo SEPA - SEPA EUROPE GmbH

KA1238 Datasheet (PDF) - SEPA EUROPE GmbH



Similar Part No. - KA1238

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA1222 SAMSUNG-KA1222 Datasheet
162Kb / 4P
DUAL LOW NOISE EQUALIZER AMPLIFIER
logo
List of Unclassifed Man...
KA1222 ETC2-KA1222 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SEPA EUROPE GmbH
KA1225HA SEPA-KA1225HA Datasheet
908Kb / 1P
HIGH PERFORMANCE AC FAN
logo
ML Accessories Limited....
KA12CW KNIGHTSBRIDGE-KA12CW Datasheet
195Kb / 2P
KARA 230V IP20 12W LED Recessed Panel - 4000K
23/04/2024
KA12CWTD KNIGHTSBRIDGE-KA12CWTD Datasheet
196Kb / 2P
KARA 230V IP20 12W LED Dimmable Recessed Panel - 4000K
23/04/2024
More results


Similar Description - KA1238

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11 ORIONFANS-OA109AP-11 Datasheet
928Kb / 1P
AC Fan
OA162-5E-115 ORIONFANS-OA162-5E-115 Datasheet
101Kb / 1P
AC Fan
OD1238-12HB-XC ORIONFANS-OD1238-12HB-XC_15 Datasheet
100Kb / 1P
High Performance DC Fan
OD1238VA ORIONFANS-OD1238VA Datasheet
126Kb / 1P
High Performance DC Fan
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
logo
STEGO Elektrotechnik Gm...
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
DCR030 STEGO-DCR030 Datasheet
278Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
DCR130 STEGO-DCR130 Datasheet
282Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com