Electronic Components Datasheet Search
  English  ▼

X  

ORD228VL Datasheet (PDF) - Comus International

Part # ORD228VL
Description  Reed Switch - Sub-Miniature - Normally Open Contacts
File Size   77.89 Kbytes
Html View  1 
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

ORD228VL Datasheet (PDF) - Comus International



Similar Part No. - ORD228VL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD228VL ETC1-ORD228VL Datasheet
91Kb / 8P
General Purpose Miniature (Medium-level Load 100 V Max.)
logo
Meder Electronic
ORD228VL MEDER-ORD228VL Datasheet
86Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD228VL OKI-ORD228VL Datasheet
86Kb / 8P
REED SWITCH
logo
Standex Electronics, In...
ORD228VL STANDEX-ORD228VL Datasheet
791Kb / 6P
ORD228VL Reed Switch Miniature high-performance
Version 01 Feb 2022
More results


Similar Description - ORD228VL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLRR-2 ETC1-MLRR-2 Datasheet
68Kb / 1P
Miniature normally open switch with 19.05mm x 2.66mm
logo
celduc-relais
D32A CELDUC-D32A Datasheet
346Kb / 2P
DUAL IN LINE REED RELAY / 2 normally open contacts
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDRR-6 HAMLIN-MDRR-6 Datasheet
127Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-7 HAMLIN-MDSR-7 Datasheet
126Kb / 1P
Sub-miniature normally open switch with 12.7mm x 1.8mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
logo
Reed Relays and Electro...
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com