Electronic Components Datasheet Search
  English  ▼

X  

AW2400S-PAIR Datasheet (PDF) - Infinite Electronics International, Inc.

Part # AW2400S-PAIR
Description  FIPS 140-2 High Security 2.4 GHz Outdoor Wireless Ethernet Radio
File Size   1441.37 Kbytes
Html View  1   2 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW2400S-PAIR Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - AW2400S-PAIR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AW2400-SPEC L-COM-AW2400-SPEC Datasheet
308Kb / 1P
2.4 GHz Spectrum Analyzer
5.20.2011
AW2400IS L-COM-AW2400IS Datasheet
681Kb / 2P
FIPS 140-2 High Security 2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
AW2400ITR L-COM-AW2400ITR Datasheet
666Kb / 2P
2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
AW2400ITR L-COM-AW2400ITR Datasheet
666Kb / 2P
2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
AW2400ITR-PAIR L-COM-AW2400ITR-PAIR Datasheet
666Kb / 2P
2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
More results


Similar Description - AW2400S-PAIR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
WirelessUSB 2.4-GHz DSSS Radio SoC
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
WirelessUSB LP 2.4 GHz Radio SoC
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
WirelessUSB??LPstar 2.4 GHz Radio SoC
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
FIPS-140 Level 4 Security Supervisor
logo
Silicon Laboratories
RS9113 SILABS-RS9113 Datasheet
3Mb / 56P
RS9113 FIPS 140-2 802.11n Module
Version 1.1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com