Electronic Components Datasheet Search
  English  ▼

X  

2868 Datasheet (PDF) - Adafruit Industries

Part # 2868
Description  NeoPixel Stick - 8 x 5050 RGBW LEDs - Natural White - ~4500K
File Size   100.68 Kbytes
Html View  1   2 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2868 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 2868

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2868020 PHOENIX-2868020 Datasheet
313Kb / 8P
VAL-MS 60 - Type 2 surge arrester
2868033 PHOENIX-2868033 Datasheet
324Kb / 9P
VAL-MS 60/FM - Type 2 surge arrester
logo
Epson Company
2868058 EPSON-2868058 Datasheet
352Kb / 2P
kHz RANGE CRYSTAL UNIT
logo
PHOENIX CONTACT
2868059 PHOENIX-2868059 Datasheet
94Kb / 6P
Software - CONFIG
09/12/2020
2868062 PHOENIX-2868062 Datasheet
97Kb / 6P
Software - CONFIG CPY
09/12/2020
More results


Similar Description - 2868

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA2288C FAIRCHILD-GMA2288C Datasheet
224Kb / 6P
2.3 INCH (58.S mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA26841C FAIRCHILD-GMA26841C Datasheet
231Kb / 6P
2.3 INCH (58.4 mm) 4 X 8 DOT MATRIX STICK DISPLAY
GMA26881C FAIRCHILD-GMA26881C Datasheet
238Kb / 6P
2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2688C FAIRCHILD-GMA2688C Datasheet
264Kb / 7P
2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA3688C FAIRCHILD-GMA3688C Datasheet
241Kb / 6P
1.5 INCH (37.9mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA46881C FAIRCHILD-GMA46881C Datasheet
243Kb / 6P
1.85 INCH (47.0mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA4Y881C FAIRCHILD-GMA4Y881C Datasheet
187Kb / 5P
1.88 INCH (47.7mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
Inolux Corporation
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
logo
Cree, Inc
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
Cree짰 J Series??5050 9?멫 LEDs
logo
SparkFun Electronics
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com