Electronic Components Datasheet Search
  English  ▼

X  

19060_PE24 Datasheet (PDF) - VAT Group AG

Part # 19060_PE24
Description  Large vacuum gate valve, Series 190, DN 1000 (ID 40’’)
File Size   187.12 Kbytes
Html View  1   2 
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

19060_PE24 Datasheet (PDF) - VAT Group AG



Similar Part No. - 19060_PE24

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19060001 MOLEX4-19060001 Datasheet
222Kb / 3P
InsulKrimp??Female Quick Disconnect for 10-12 AWG Wire, Box
logo
PHOENIX CONTACT
19060500 PHOENIX-19060500 Datasheet
86Kb / 6P
Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
19060500 PHOENIX-19060500 Datasheet
148Kb / 9P
Modem - PSI-MODEM/ETH
09/12/2020
19060500 PHOENIX-19060500 Datasheet
261Kb / 18P
Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Tyco Electronics
1906052 MACOM-1906052 Datasheet
175Kb / 3P
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
More results


Similar Description - 19060_PE24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMDC-16-2-75 MACOM-EMDC-16-2-75 Datasheet
56Kb / 1P
E-Series Coupler 40 - 1000 MHz
logo
NXP Semiconductors
AZ41 PHILIPS-AZ41 Datasheet
65Kb / 3P
HIGH VACUUM FULL WAVE RECTIFYING VALVE
6.6.1953
logo
Ralston Instruments.
DPPV-0025 RALSTON-DPPV-0025 Datasheet
276Kb / 1P
DPPV Pressure / vacuum spool valve assembly, brass
logo
HARTING Technology Grou...
09-14-000-6418 HARTING-09-14-000-6418 Datasheet
464Kb / 2P
Pneum.contact metal ID 8mm,femalevalve
09-14-000-6411 HARTING-09-14-000-6411 Datasheet
465Kb / 2P
Pneum.contact metal ID 10mm,femalevalve
logo
Festo Corporation.
560372 FESTO-560372 Datasheet
100Kb / 2P
Vacuum valve
4/5/22
562051 FESTO-562051 Datasheet
99Kb / 2P
Vacuum valve
4/5/22
563365 FESTO-563365 Datasheet
100Kb / 2P
Vacuum valve
4/5/22
566175 FESTO-566175 Datasheet
99Kb / 2P
Vacuum valve
4/5/22
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com