Electronic Components Datasheet Search
  English  ▼

X  

2379 Datasheet (PDF) - Adafruit Industries

Part # 2379
Description  USB Cable with Switch - A/MicroB
File Size   180.47 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2379 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 2379

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2379237-1 TEC-2379237-1 Datasheet
1Mb / 4P
NECTOR T PLUGGABLE CONNECTORS
2379237-2 TEC-2379237-2 Datasheet
1Mb / 4P
NECTOR T PLUGGABLE CONNECTORS
2379238-1 TEC-2379238-1 Datasheet
904Kb / 2P
NECTOR T, 3Pos, PIN CONNECTOR SCREW TYPE
2379238-1 TEC-2379238-1 Datasheet
1Mb / 4P
NECTOR T PLUGGABLE CONNECTORS
2379238-2 TEC-2379238-2 Datasheet
904Kb / 2P
NECTOR T, 3Pos, PIN CONNECTOR SCREW TYPE
More results


Similar Description - 2379

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2575A-05GXT SUYIN-USA-2575A-05GXT Datasheet
81Kb / 1P
USB A SERIES WITH SWITCH CENTER HEIGHT 1.74mm
CBL30094-1500 SUYIN-USA-CBL30094-1500 Datasheet
89Kb / 1P
USB A CORE MINI USB 3PIN CABLE
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
AK670-OE ASSMANN-AK670-OE Datasheet
90Kb / 1P
USB Cable A-Male
AK670-R ASSMANN-AK670-R Datasheet
241Kb / 1P
USB CABLE A TO A
AK672-2 ASSMANN-AK672-2 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-5-BLACK ASSMANN-AK672-5-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
logo
STMicroelectronics
M24SR-DISCOVERY STMICROELECTRONICS-M24SR-DISCOVERY Datasheet
324Kb / 4P
USB microB connector for board powering
08-May-2015
logo
Schneider Electric
XB5S3B2L2 SCHNEIDER-XB5S3B2L2 Datasheet
101Kb / 4P
Bistable USB Biometric switch - connection with 2m cable
Aug 10, 2019
logo
SparkFun Electronics
CAB-14741 SPARKFUN-CAB-14741 Datasheet
212Kb / 1P
SparkFun Traveler microB Cable 1m
6-1-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com