Electronic Components Datasheet Search
  English  ▼

X  

82054000 Datasheet (PDF) - Wera Tools

Part # 82054000
Description  160 i VDE Insulated screwdriver for slotted screws, 0.8 x 4.0 x 100 mm
File Size   451.17 Kbytes
Html View  1   2   3 
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

82054000 Datasheet (PDF) - Wera Tools



Similar Part No. - 82054000

ManufacturerPart #DatasheetDescription
logo
Wera Tools
82054000 WERA-82054000 Datasheet
374Kb / 2P
Kraftform Kompakt VDE 65 i, PZ 0 x 154 mm
02.08.2018
82054000 WERA-82054000 Datasheet
444Kb / 4P
350 PH Screwdriver for Phillips screws, PH 1 x 80 mm
02.08.2018
logo
GEDORE Werkzeugfabrik G...
82054000 GEDORE-82054000 Datasheet
111Kb / 1P
Hexagon socket key with 2C
logo
Wera Tools
82054000 WERA-82054000 Datasheet
449Kb / 3P
160 i VDE Insulated screwdriver for slotted screws, 1.2 x 8.0 x 175 mm
82054000 WERA-82054000 Datasheet
459Kb / 3P
7460 Kraftform pre-set adjustable torque screwdrivers with Rapidaptor quick-release chuck, 1/4 inch, 0,3 Nm
02.08.2018
More results


Similar Description - 82054000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
2035 Screwdriver for slotted screws
logo
PHOENIX CONTACT
SF-TX-8X80-VDE PHOENIX-SF-TX-8X80-VDE Datasheet
43Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 8 x 80, two-component handle
SF-TX-10X80-VDE PHOENIX-SF-TX-10X80-VDE Datasheet
44Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 10 x 80, two-component handle
SF-TX-15X80-VDE PHOENIX-SF-TX-15X80-VDE Datasheet
43Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 15 x 80, two-component handle
SF-TX-20X80-VDE PHOENIX-SF-TX-20X80-VDE Datasheet
44Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 20 x 80, two-component handle
SF-TX-25X100-VDE PHOENIX-SF-TX-25X100-VDE Datasheet
44Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 25 x 100, two-component handle
SF-TX-30X100-VDE PHOENIX-SF-TX-30X100-VDE Datasheet
43Kb / 2P
Screwdriver, Torx짰, VDE-insulated, TX 30 x 100, two-component handle
SZK-PH2-VDE PHOENIX-SZK-PH2-VDE Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 2 x 100 mm, 2-component grip, with non-slip grip
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com