Electronic Components Datasheet Search
  English  ▼

X  

PA0180 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0180
Description  SuperSOT-6/TSOT-6 to DIP-6 SMT Adapter (0.95 mm pitch, 3.0 x 1.5 mm body)
File Size   48.8 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0180 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0180

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0180-S PROTOADVANTAGE-PA0180-S Datasheet
41Kb / 1P
SuperSOT-6/TSOT-6 Stencil (0.95 mm pitch, 3.0 x 1.5 mm body)
revision 1.0
PA0180C PROTOADVANTAGE-PA0180C Datasheet
190Kb / 2P
SuperSOT-6/TSOT-6 to DIP-6 SMT Adapter (0.95 mm pitch, 3.0 x 1.5 mm body) Compact Series
revision 1.0
More results


Similar Description - PA0180

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
6 mm Tact Switches
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Analog Devices
CP-40-1 AD-CP-40-1 Datasheet
76Kb / 1P
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 6 x 6 mm Body, Very Thin Quad
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
List of Unclassifed Man...
B3F1020 ETC2-B3F1020 Datasheet
1Mb / 9P
A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com