Electronic Components Datasheet Search
  English  ▼

X  

PA0148 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0148
Description  LLP-56 to DIP-56 SMT Adapter (0.5 mm pitch, 9 x 9 mm body)
File Size   49.25 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0148 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0148

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0148-S PROTOADVANTAGE-PA0148-S Datasheet
42Kb / 1P
LLP-56 Stencil (0.5 mm pitch, 9 x 9 mm body)
revision 1.0
More results


Similar Description - PA0148

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Bourns Electronic Solut...
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
9 mm Potentiometer
logo
A-BRIGHT Inc
AL-913IR-85060C2 A-BRIGHT-AL-913IR-85060C2 Datasheet
324Kb / 5P
9 mm Round LED Lamps
3/2/2007
logo
NXP Semiconductors
SOT926-1 PHILIPS-SOT926-1 Datasheet
239Kb / 1P
plastic thin fine-pitch ball grid array package; 100 balls; body 9 x 9 x 0.7 mm
2009
logo
ILSI America LLC
I525 ILSI-I525 Datasheet
44Kb / 1P
Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
9 mm Potentiometer
logo
Knowles Electronics
2403-260-00086 KNOWLES-2403-260-00086 Datasheet
438Kb / 20P
Industry-leading dimensions: 9 x 16 x 3.0 mm
logo
List of Unclassifed Man...
A9A27062 ETC2-A9A27062 Datasheet
62Kb / 1P
Acti 9 - distan훾nik - 9 mm bel
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com