Electronic Components Datasheet Search
  English  ▼

X  

T30201 Datasheet (PDF) - United Automation Ltd. All rights reserved

Part # T30201
Description  150kW (210A), 180kW (250A), 415V Three Phase Burst Fire Power Controller
File Size   496.92 Kbytes
Html View  1   2   3   4 
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

T30201 Datasheet (PDF) - United Automation Ltd. All rights reserved



Similar Part No. - T30201

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
T30201 UNITEDAUTOMATION-T30201 Datasheet
391Kb / 2P
Universal Burst Fire Trigger Module
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
429Kb / 3P
Up to 480V Universal Phase Angle Trigger Module
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
481Kb / 2P
Up to 440V Universal Phase Angle Controller
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
531Kb / 5P
Up to 25A, 440V Microprocessor-Based Power Controller
1 July 2025
T30201 UNITEDAUTOMATION-T30201 Datasheet
378Kb / 4P
Microprocessor-Based 10V to 440V Dual Mode Trigger Module
1 July 2025
More results


Similar Description - T30201

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
logo
Allegro MicroSystems
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
logo
MacMic
MMD250F160X MACMIC-MMD250F160X Datasheet
183Kb / 3P
250A Three-Phase Rectifier Bridge Module
MMD250F180X MACMIC-MMD250F180X Datasheet
183Kb / 3P
250A Three-Phase Rectifier Bridge Module
MMD250FB MACMIC-MMD250FB Datasheet
311Kb / 3P
250A Three-Phase Rectifier Bridge Module
MMD250FB180X MACMIC-MMD250FB180X Datasheet
202Kb / 3P
250A Three-Phase Rectifier Bridge Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com