Electronic Components Datasheet Search
  English  ▼

X  

LUSBCMDP4K-MM-3M Datasheet (PDF) - Infinite Electronics International, Inc.

Part # LUSBCMDP4K-MM-3M
Description  USBC to MDP, M/M, Alum Shell, 4K @ 60 Hz, Black Nylon Braid
File Size   118.55 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LUSBCMDP4K-MM-3M Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - LUSBCMDP4K-MM-3M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LUSBCMDP4K-MM-3M L-COM-LUSBCMDP4K-MM-3M Datasheet
118Kb / 1P
USBC to MDP, M/M, Alum Shell, 4K @ 60 Hz, Black Nylon Braid
06/20/2023
More results


Similar Description - LUSBCMDP4K-MM-3M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P568-025-2A TRIPPLITE-P568-025-2A Datasheet
164Kb / 3P
High-Speed HDMI 2.0a Cable - 4K, 60 Hz, 4:4:4, M/M, Black, 25 ft.
P580-010 TRIPPLITE-P580-010 Datasheet
157Kb / 2P
DisplayPort to DisplayPort Cable 4K with Latches (M/M), 4K x 2K (3840 x 2160) @ 60 Hz, 10 ft.
P583-003 TRIPPLITE-P583-003 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 3 ft.
P583-006 TRIPPLITE-P583-006 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter (M/M), 4096 x 2160 (4K x 2K) @ 60 Hz, White, 6 ft.
P582-010-4K6AE TRIPPLITE-P582-010-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 10 ft., Black
P582-015-4K6AE TRIPPLITE-P582-015-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 15 ft., Black
P582-020-4K6AE TRIPPLITE-P582-020-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 20 ft., Black
P583-003-BK TRIPPLITE-P583-003-BK Datasheet
174Kb / 3P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 3 ft.
P583-006-BK TRIPPLITE-P583-006-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 6 ft.
P583-006-BK TRIPPLITE-P583-006-BK_V01 Datasheet
49Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60 Hz (M/M), DP Latching Connector, Black, 6 ft. (1.8 m)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com