Electronic Components Datasheet Search
  English  ▼

X  

BF0901D024 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BF0901D024
Description  THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 24VDC, 1NC AUXILIARY CONTACT WITH MIRROR CONTACT FUNCTION
File Size   233.0 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BF0901D024 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BF0901D024

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF0901D012 LOVATO-BF0901D012 Datasheet
233Kb / 7P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 12VDC, 1NC AUXILIARY CONTACT WITH MIRROR CONTACT FUNCTION
BF0901D048 LOVATO-BF0901D048 Datasheet
233Kb / 7P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 48VDC, 1NC AUXILIARY CONTACT WITH MIRROR CONTACT FUNCTION
More results


Similar Description - BF0901D024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LADN10 ETC2-LADN10 Datasheet
88Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
LAD8N11 ETC2-LAD8N11 Datasheet
90Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
logo
E-SWITCH
N411070 E-SWITCH-N411070 Datasheet
57Kb / 1P
Contact Ratings:25mA, 24VDC.
N411122 E-SWITCH-N411122 Datasheet
38Kb / 1P
Contact Ratings:25mA, 24VDC.
N800303 E-SWITCH-N800303 Datasheet
115Kb / 1P
Contact Ratings:25mA, 24VDC.
logo
SCHOTT CORPORATION
LC1D09F7 SCHOTT-LC1D09F7 Datasheet
60Kb / 1P
Contactor (TeSys D) Non-Reversing, 9A(AC3) 20A(AC1), 3-Pole (3 NO)
logo
List of Unclassifed Man...
GVAD0110 ETC2-GVAD0110 Datasheet
51Kb / 2P
auxiliary contact
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
Schneider Electric
LADN203 SCHNEIDER-LADN203 Datasheet
121Kb / 3P
IEC contactor, TeSys D, auxiliary contact block, 2 NO, front mounting, spring terminals
Sep 7, 2021
LUFN11 SCHNEIDER-LUFN11 Datasheet
76Kb / 1P
TeSys U, auxiliary contact module, 1 NO and 1NC
Aug 10, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com