Electronic Components Datasheet Search
  English  ▼

X  

DESTB-0253 Datasheet (PDF) - Hylec-APL Ltd. All rights reserved.

Part # DESTB-0253
Description  3 Pole steatite steatite ceramic high temperature blocks terminal 32a 450v
File Size   86.19 Kbytes
Html View  1 
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DESTB-0253 Datasheet (PDF) - Hylec-APL Ltd. All rights reserved.



Similar Part No. - DESTB-0253

ManufacturerPart #DatasheetDescription
logo
Hylec-APL Ltd. All righ...
DESTB-0252 HYLEC-DESTB-0252 Datasheet
84Kb / 1P
2 Pole steatite steatite ceramic high temperature blocks terminal 32a 450v
More results


Similar Description - DESTB-0253

ManufacturerPart #DatasheetDescription
logo
Altech corporation
24-12AWG ALTECH-24-12AWG Datasheet
218Kb / 1P
High Temperature Ceramic Terminal Blocks
logo
Molex Electronics Ltd.
39950-01 MOLEX-39950-01 Datasheet
146Kb / 2P
600V High-Power Terminal Blocks
logo
Dubilier
DBCTB33-2 DUBILIER-DBCTB33-2 Datasheet
109Kb / 1P
TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
logo
Eldeco Srl
MRS64-V ELDECO-MRS64-V Datasheet
506Kb / 1P
Standard : UL - IEC 300V - 450V 30A - 32A
logo
fujitsu semiconductor
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
POWER RELAY 1 POLE - High Capacity 32A Type
logo
List of Unclassifed Man...
1073 ETC2-1073 Datasheet
674Kb / 3P
Steatite Standoffs
LC1D32B7 ETC2-LC1D32B7 Datasheet
64Kb / 1P
Contactor (TeSys D) Non-Reversing, 32A(AC3) 50A(AC1), 3-Pole (3 NO)
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
CamdenBoss Ltd.
CTB7000 CAMDENBOSS-CTB7000 Datasheet
416Kb / 1P
5mm pitch 36 pole rising clamp terminal blocks
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com